Part Number Hot Search : 
UF306 UL1480 2SD1889 CXD1944R D1100B32 FDLL4148 2N494C HT66F
Product Description
Full Text Search
 

To Download MX23L3222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INDEX
MX23L3222
32M-BIT MASK ROM (16/32 BIT OUTPUT)
FEATURES
* Bit organization - 2M x 16 (word mode) - 1M x 32 (double word mode) * Fast access time - Random access: 100ns (max.) - Page access: 30ns (max.) * Page - 8 double words per page * Current - Operating:60mA - Standby:50uA * Supply voltage - 3.3V10% * Package - 70 pin SSOP (500mil) - 100 pin TQFP (14mm x 14mm)
ORDER INFORMATION
Part No. Access Time MX23L3222MC-10 MX23L3222MC-12 MX23L3222VC-10 MX23L3222VC-12 100ns 120ns 100ns 120ns Page Access Time 30ns 45ns 30ns 45ns 70 pin SSOP 70 pin SSOP 100 pin TQFP 100 pin TQFP Package
PIN DESCRIPTION
Symbol A0~A19 D0~D30 D31/A-1 CE OE Byte VCC VSS NC Pin Function Address Inputs Data Outputs D15 (Word Mode)/ LSB Address (Byte Mode) Chip Enable Input Output Enable Input Double Word/ Word Mode Selection Power Supply Pin Ground Pin No Connection
PIN CONFIGURATION
A0 A1 A2 A3 A4 A5 VCC D0 D16 D1 D17 VSS VCC D2 D18 D3 D19 D4 D20 D5 D21 VSS VCC D6 D22 D7 D23 VSS A6 A7 A8 A9 A10 A11 A12 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 NC NC NC WORD OE CE VSS D31/A-1 D15 D30 D14 VSS VCC D29 D13 D28 D12 D27 D11 D26 D10 VSS VCC D25 D9 D24 D8 VCC A19 A18 A17 A16 A15 A14 A13
MODE SELECTION
CE OE Word D31/A-1D0~D15 D16~D31 Mode H L L L X H L L X X H L X X High Z High Z High Z High Z Word Input D0~D15 High Z Word Active Power Stand-by Active Active
MX23L3222
Output D0~D15 D16~D31 Double
P/N:PM0396
REV. 1.9, JAN. 29, 1999
1
INDEX
MX23L3222
100 TQFP
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
NC NC D31 D15 D30 D14 VSS VCC D29 D13 D28 D12 NC NC D27 D11 D26 D10 VSS VCC D25 D9 D24 D8 NC
NC NC NC NC NC VSS CE OE WORD NC NC NC NC NC A0 A1 A2 A3 A4 A5 VCC NC NC NC NC
76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
MX23L3222
NC NC NC VCC NC A19 A18 A17 A16 A15 A14 NC NC A13 A12 A11 A10 A9 A8 A7 A6 NC NC NC NC
BLOCK DIAGRAM
A0/(A-1) A2 A3 A19 CE BYTE OE Address Buffer Memory Array Page Buffer Page Decoder Word/ Byte Output Buffer D0 D31/(D15)
P/N:PM0396
NC D0 D16 D1 D17 VSS VCC D2 D18 D3 NC D19 NC D4 D20 D5 D21 VSS VCC D6 D22 D7 D23 VSS NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
REV. 1.9, JAN. 29, 1999
2
INDEX
MX23L3222
ABSOLUTE MAXIMUM RATINGS
Item Voltage on any Pin Relative to VSS Ambient Operating Temperature Storage Temperature Symbol VIN Topr Tstg Ratings -1.3V to VCC+2.0V (Note) 0 to 70 C C -65 to 125 C C
Note: Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to -1.3V for periods of up to 20ns. Maximum DC voltage on input or I/O pins is VCC+0.5V. During voltage transitions, input may overshoot VCC to VCC+2.0V for periods of up to 20ns.
DC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 3.3V10%)
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Operating Current Standby Current (TTL) Standby Current (CMOS) Input Capacitance Output Capacitance Symbol VOH VOL VIH VIL ILI ILO ICC1 ISTB1 ISTB2 CIN COUT MIN. 2.4V 2.2V -0.3V MAX. 0.4V VCC+0.3V 0.8V 5uA 5uA 60mA 1mA 50uA 10pF 10pF Conditions IOH = -0.4mA IOL = 1.6mA
0V, VCC 0V, VCC tRC = 100ns, all output open CE = VIH CE>VCC-0.2V Ta = 25 f = 1MHZ C, Ta = 25 f = 1MHZ C,
AC CHARACTERISTICS (Ta = 0 ~ 70C, VCC = 3.3V10%) C
Item Read Cycle Time Address Access Time Chip Enable Access Time Page Mode Access Time Output Enable Time Output Hold After Address Output High Z Delay Symbol tRC tAA tACE tPA tOE tOH tHZ 23L3222-10 MIN. MAX. 100ns 100ns 30ns 30ns 30ns 0ns 20ns 23L3222-12 MIN. MAX. 120ns 120ns 45ns 45ns 45ns 0ns 20ns
Note:Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested.
P/N:PM0396 REV. 1.9, JAN. 29, 1999
3
INDEX
MX23L3222
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~ 2.4V 10ns 1.5V 0.8V and 2.0V See Figure
IOH (load)=-04.mA DOUT IOL (load)=1.6mA
C<100pF
Note:No output loading is present in tester load board. Active loading is used and under software programming control. Output loading capacitance includes load board's and all stray capacitance.
TIMING DIAGRAM
RANDOM READ
ADD
ADD tACE
ADD tRC
ADD
CE
OE
tOE tOH VALID tHZ VALID
tAA DATA VALID
PAGE READ
A3-A19
VALID ADD
(A-1),A0,A1,A2
1'st ADD tAA
2'nd ADD tPA VALID VALID
3'rd ADD
DATA
VALID
Note: CE, OE are enable. Page size is 8 double words in 32-bit mode, 16 words in 16-bit mode.
P/N:PM0396
REV. 1.9, JAN. 29, 1999
4
INDEX
MX23L3222
REVISION HISTORY
Revision 1.8 Description AC Characteristics: The page mode access time (tPA) and output enable time (tOE) are changed as 45ns instead of 50ns. Added 100ns speed grade. Package: Added 100 pin TQFP package, dimension is 14mm x 14mm x 1mm. AC CHARACTERISTICS tOH 10ns-->0ns Page Date MAR/25/1998
1.9
P3
JAN/29/1999
P/N:PM0396
REV. 1.9, JAN. 29, 1999
5
INDEX
MX23L3222
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-8888 FAX:+886-3-578-8887
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-747-2309 FAX:+65-748-4090
TAIPEI OFFICE:
TEL:+886-3-509-3300 FAX:+886-3-509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
6


▲Up To Search▲   

 
Price & Availability of MX23L3222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X